PART |
Description |
Maker |
GBL08 GBL01 GBL010 GBL005 GBL02 GBL04 GBL06 |
Aluminum Polymer SMT Capacitor; Capacitance: 150uF; Voltage: 16V; Case Size: 8x7 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 1500uF; Voltage: 2.5V; Case Size: 8x12 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 2200uF; Voltage: 2.5V; Case Size: 10x10 mm; Packaging: Tape & Reel Aluminum Polymer SMT Capacitor; Capacitance: 470uF; Voltage: 16V; Case Size: 10x10 mm; Packaging: Tape & Reel 4.0A GLASS PASSIVATED BRIDGE RECTIFIER
|
Won-Top Electronics Co., Ltd. WTE[Won-Top Electronics]
|
PLF0E331MCO8 |
Aluminum Polymer Radial Lead Capacitor; Capacitance: 330uF; Voltage: 2.5V; Case Size: 6.3x8.5 mm; Packaging: Bulk CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 330 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
GBJ1010 GBJ10005 GBJ1001 GBJ1002 GBJ1004 GBJ1006 G |
Aluminum Polymer SMT Capacitor; Capacitance: 47uF; Voltage: 25V; Case Size: 10x10 mm; Packaging: Tape & Reel 10 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 68uF; Voltage: 20V; Case Size: 10x8 mm; Packaging: Tape & Reel 10 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE Aluminum Polymer SMT Capacitor; Capacitance: 22uF; Voltage: 20V; Case Size: 6.3x6 mm; Packaging: Tape & Reel 10 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 10A GLASS PASSIVATED BRIDGE RECTIFIER
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
NSP391M2.5D4ZATRF NSP4R7M12.5D2TRF NSP470M6.3D2ATR |
Resistor Wirewound 25.5 OHM 1% 5W 20PPM AXIAL Thru-Hole T/R CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 390 uF, SURFACE MOUNT, 2916 Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 12.5 V, 4.7 uF, SURFACE MOUNT, 2916 Resistor Wirewound 34.8 OHM 1% 5W 20PPM AXIAL Thru-Hole T/R CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 47 uF, SURFACE MOUNT, 2916 Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 150 uF, SURFACE MOUNT, 2916 Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 120 uF, SURFACE MOUNT, 2916 Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 2.5 V, 100 uF, SURFACE MOUNT, 2916 Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 10 uF, SURFACE MOUNT, 2916 Surface Mount Specialty Polymer Solid Aluminum Electrolytic Capacitors CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 33 uF, SURFACE MOUNT, 2916
|
NIC Components, Corp.
|
TYOH1A157G72MTR TYOH0G337G72MTR TYOH0J227G72MTR |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 150 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 330 uF, SURFACE MOUNT ROHS COMPLIANT CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 6.3 V, 220 uF, SURFACE MOUNT ROHS COMPLIANT
|
TE Connectivity, Ltd.
|
GBS4B GBS4M GBS4A GBS4D GBS4G GBS4J GBS4K |
Silicon-Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 8x12 mm; Packaging: Bulk
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
UWX1H100MCL1GB |
Aluminum Electrolytic SMT General Purpose Capacitor; Capacitance: 10uF; Voltage: 50V; Case Size: 6.3x5.5 mm; Packaging: Tape & Reel CAPACITOR, ALUMINUM ELECTROLYTIC, NON SOLID, POLARIZED, 50 V, 10 uF, SURFACE MOUNT
|
Nichicon, Corp.
|
SPA151M02R SPA151M04R SPA151M0ER SPA331M02R SPA331 |
Solid Polymer Aluminum SMT Capacitors
|
Cornell Dubilier Electronics
|
FP-4R0CS151M-E0R015 FP-4R0CS221M-ER025 FP-4R0CS221 |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 150 uF, SURFACE MOUNT CHIP, LEAD FREE CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 4 V, 220 uF, SURFACE MOUNT CHIP, LEAD FREE
|
Fujitsu, Ltd.
|
PEEA10V271M PEEA6R3821M |
Conductive Polymer Aluminum Solid Capacitor (Radial Type)
|
MERITEK ELECTRONICS COR...
|
FP-025SE560M-01R |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 25 V, 56 uF, SURFACE MOUNT
|
Fujitsu, Ltd.
|
FP010CS220MB2R |
CAPACITOR, ALUMINUM ELECTROLYTIC, SOLID POLYMER, POLARIZED, 10 V, 22 uF, SURFACE MOUNT
|
Fujitsu, Ltd.
|
|